Part Number Hot Search : 
OPB355T 16X5R 2760AS 0CTQ1 SI4435 M29F10 BU2993FV KLQ03
Product Description
Full Text Search
 

To Download HDM16216L-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM16216L-B
Dimensional Drawing
84.00.5 6.35 5.25 79.0 71.3 61.0 56.2 2.5 4.00.2
Character Type
16 Character x 2 Lines, LED Backlight, Connector on Bottom
2.95 0.55 0.05
0.60
11.0
0.65
2-R1.25
11.5
A
17.0 31.9 36.0 44.0
K
5.55 0.05
14 10.2 2.54x15=38.1 2.54
1 1516 16-1.0 HOLE 76.0 0.4 2-2.5 4.0 9.3, 7.0 (T) 14.5 MAX 12.5 MAX (T)
4.0
1.6
Dimension tolerance: +/-0.3mm
(T) = Thin version
Features Character Format .................................. 5x7 Dots with Cursor Backlight.............................................................................LED Options.TN/Gray STN/Yellow STN, 12 o'Clock/6 o'Clock View Normal/Extended Temperature Normal/Negative Displays Physical Data Module Size...................................84.0W x 44.0H x 14.5T mm Thin Version..............84.0W x 44.0H x 12.5T mm Viewing Area Size......................................61.0W x 17.0H mm Weight................................................................................35g Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE LED FORWARD CURRENT LED REVERSE VOLTAGE LED POWER CONSUMPTION SYMBOL VDD-VSS VDD-VL VIN TOP TSTG IF VR PD 0 0 VSS 0 -20 MIN MAX 7.0 13.5 VDD 50 70 120 8 540 UNIT V V V C C mA V mW
Block Diagram
D0 - D7
LCD COM 1 - 16 LCD PANEL
E R/W RS VL VDD VSS K A
CONTROLLER HD44780 or EQUIVALENT 4 DRIVER SEG 40 40
LED BACKLIGHT
RESISTOR SUPPLIED BY USER
Pin Connections
PIN NO. 1 2 3 4 5 UNIT 6 7 8 9 10 11 12 13 14 15 16 SYMBOL VSS VDD VL RS R/W E D0 D1 D2 D3 D4 D5 D6 D7 A K H/L H/L H,HAEL H/L H/L H/L H/L H/L H/L H/L H/L Anode for LED backlight Cathode for LED backlight Data bus LEVEL 0V 5V H: Data input L: Instruction data input H: Data read L: Data write Enable signal Power supply FUNCTION
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE POWER SUPPLY CURRENT POWER SUPPLY FOR LCD LED FORWARD VOLTAGE BRIGHTNESS DRIVE METHOD SYM VIH VIL VOH VOL IDD VDD-VL VF L CONDITION IOH=10.2mA IOL=1.2mA VDD=5.0V TA=25C IF=75mA IF=75mA MIN 2.2 2.4 4.3 3.9 30 1/16 DUTY TYP 1.0 4.1 50 MAX 0.6 0.4 2.2 4.7 4.5 V V V V mA V V NIT
Page 76


▲Up To Search▲   

 
Price & Availability of HDM16216L-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X